Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFY430CM Datasheet (PDF) - International Rectifier

IRFY430CM Datasheet PDF - International Rectifier
Part # IRFY430CM
Download  IRFY430CM Download
File Size   280.02 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=500V, Rd(on)=1.5ohm, Id=4.5A)

IRFY430CM Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFY430CM Datasheet PDF - International Rectifier

Part # IRFY430CM
Download  IRFY430CM Click to download

File Size   280.02 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=500V, Rd(on)=1.5ohm, Id=4.5A)

IRFY430CM Datasheet (HTML) - International Rectifier


IRFY430CM Product details

POWER MOSFET THRU-HOLE (TO-257AA)

HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability.

Features:
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Electrically Isolated
■ Ceramic Eyelets
■ Ideally Suited For Space Level Applications




Similar Part No. - IRFY430CM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY430C SEME-LAB-IRFY430C Datasheet
14Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO257AB Metal Package.
logo
International Rectifier
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
217Kb / 7P
Simple Drive Requirements
IRFY430C IRF-IRFY430C_15 Datasheet
217Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFY430CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC830 IRF-IRC830 Datasheet
222Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
JANTX2N6762 IRF-JANTX2N6762 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
JANTX2N6784 IRF-JANTX2N6784 Datasheet
233Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
JANTX2N6794 IRF-JANTX2N6794 Datasheet
226Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=3.0ohm, Id=1.5A)
JANTX2N6802 IRF-JANTX2N6802 Datasheet
231Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=2.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com