Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ44Z Datasheet (PDF) - International Rectifier

IRFZ44Z Datasheet PDF - International Rectifier
Part # IRFZ44Z
Download  IRFZ44Z Download
File Size   333.19 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)

IRFZ44Z Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ44Z Datasheet PDF - International Rectifier

Part # IRFZ44Z
Download  IRFZ44Z Click to download

File Size   333.19 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)

IRFZ44Z Datasheet (HTML) - International Rectifier


IRFZ44Z Product details

VDSS = 55V

RDS(on) = 13.9mΩ

ID = 51A



Description

Specifically designed for Automotive applications, this HEXFET® Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.



Features

● Advanced Process Technology

● Ultra Low On-Resistance

● Dynamic dv/dt Rating

● 175°C Operating Temperature

● Fast Switching

● Repetitive Avalanche Allowed up to Tjmax




Similar Part No. - IRFZ44Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFZ44Z ISC-IRFZ44Z Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ44ZLPBF IRF-IRFZ44ZLPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
387Kb / 12P
ADVANCED PROCESS TECHNOLOGY
IRFZ44ZPBF IRF-IRFZ44ZPBF_15 Datasheet
387Kb / 12P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRFZ44Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com