| Manufacturer | Part # | Datasheet | Description |
 RF Monolithics, Inc |
SF2150E
|
369Kb / 6P |
RF Filter, 915 MHz, 10 MHz BW
|
 KR Electronics, Inc. |
2961
|
59Kb / 3P |
300 MHz minimum 1 dB BW
|
|
2961-SMA
|
74Kb / 3P |
300 MHz minimum 1 dB BW
|
|
2969-SMA
|
64Kb / 3P |
10 MHz minimum 1.5 dB BW
|
|
3070
|
60Kb / 3P |
200 MHz minimum 3 dB BW
|
|
3070-SMA
|
99Kb / 3P |
200 MHz minimum 3 dB BW
|
 Texas Instruments |
TRF1208
|
1Mb / 29P |
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021 |
|
TRF1208
|
2Mb / 30P |
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022 |
|
TRF1208
|
2Mb / 31P |
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022 |
|
TRF1208
|
2Mb / 41P |
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023 |