Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2969 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2969
Description  10 MHz minimum 1.5 dB BW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2969 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2969 Datasheet HTML 1Page - KR Electronics, Inc. 2969 Datasheet HTML 2Page - KR Electronics, Inc. 2969 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2969 , 10 MHz Lowpass, Rev 0, March 17, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
100 . 000
000
MHz
Avg
13
17 Mar 2010 16:24:39
KR Electronics, Inc.
KR Electronics part number 2969 is a 10 MHz elliptic lowpass
filter. Other frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 10 MHz minimum 1.5 dB BW
 Sharp Transition to the Stopband
 High Stopband Attenuation
 50  Source and Load
 Surface Mount
 SMA Package also available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2969

ManufacturerPart #DatasheetDescription
logo
Heyco.
2969 HEYCO-2969 Datasheet
111Kb / 1P
Connector Caps and Plugs
logo
KR Electronics, Inc.
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
10 MHz minimum 1.5 dB BW
logo
PHOENIX CONTACT
2969055 PHOENIX-2969055 Datasheet
83Kb / 4P
Active module - UMK-32 RM/MR-G24/1/YCS
logo
Tyco Electronics
29691 MACOM-29691 Datasheet
311Kb / 1P
MICRO MINIATURE PUSHBUTTON SWITCH
logo
PHOENIX CONTACT
2969401 PHOENIX-2969401 Datasheet
61Kb / 2P
DIN rail bus connector for potential bridging of devices arranged next to one another across all modules.
More results

Similar Description - 2969

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2150E RFM-SF2150E Datasheet
369Kb / 6P
RF Filter, 915 MHz, 10 MHz BW
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
300 MHz minimum 1 dB BW
2961-SMA KR-2961-SMA Datasheet
74Kb / 3P
300 MHz minimum 1 dB BW
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
10 MHz minimum 1.5 dB BW
3070 KR-3070 Datasheet
60Kb / 3P
200 MHz minimum 3 dB BW
3070-SMA KR-3070-SMA Datasheet
99Kb / 3P
200 MHz minimum 3 dB BW
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208_V01 Datasheet
2Mb / 30P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF1208 TI-TRF1208_V02 Datasheet
2Mb / 31P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022
TRF1208 TI1-TRF1208_V03 Datasheet
2Mb / 41P
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com