Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2406 Datasheet (PDF) - STMicroelectronics

AN2406 Datasheet PDF - STMicroelectronics
Part # AN2406
Download  AN2406 Download
File Size   152.98 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TS4962IQ class D audio amplifier

AN2406 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN2406 Datasheet PDF - STMicroelectronics

Part # AN2406
Download  AN2406 Click to download

File Size   152.98 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TS4962IQ class D audio amplifier

AN2406 Datasheet (HTML) - STMicroelectronics


AN2406 Product details

Description
This mono class D demoboard is designed for the TS4962IQ class D audio amplifier. The TS4962IQ device, in a DFN package, is mounted on a two-layer PCB with two power planes acting as a heatsink.

Features
■ TS4962IQ low voltage class D differential audio power amplifier with standby mode
■ Operating range from Vcc=2.4V to 5.5V
■ 2.2W output power @ Vcc=5V, THD=1%, F=1kHz, with 4Ω load
■ 1.4W output power @ Vcc=5V, THD=1%, F=1kHz, with 8Ω load
■ Ultra low power consumption in standby mode (10nA)
■ 63dB PSRR @ 217Hz in grounded mode (Av=2V/V)
■ Low pop & click
■ Fast startup time: 5ms
■ Module gain set at 2V/V




Similar Part No. - AN2406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN240 ETC2-AN240 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
800mA standalone linear Li-Ion
19-Sep-2006
More results


Similar Description - AN2406

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
Class D audio amplifier
Rev. 01-23 October 2008
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
Class-D Audio Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com