Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16901 Datasheet (PDF) - NEC

UPD16901 Datasheet PDF - NEC
Part # UPD16901
Download  UPD16901 Download
File Size   57.07 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC

UPD16901 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16901 Datasheet PDF - NEC

Part # UPD16901
Download  UPD16901 Click to download

File Size   57.07 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC

UPD16901 Datasheet (HTML) - NEC


UPD16901 Product details

FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC

The µPD16901 is a DC/DC converter IC which produces a 12 V output from a 5 V input source. The integration of a control circuit and power MOSFET in the output stage on a single-chip allows a power supply for flash memory write and erasure to be configured with a reduced number of external components.

FEATURES
• With an on-chip output stage power MOSFET, fewer external components are needed.
• The ALLMOS structure achieves low power consumption.
• Internally set output voltage eliminates the need for adjustment.
• Output can be turned ON/OFF via an external signal.
• A timer latch type overcurrent protection circuit on chip




Similar Part No. - UPD16901

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16901 RENESAS-UPD16901 Datasheet
220Kb / 14P
MOS INTEGRATED CIRCUIT
1997
UPD16901GS RENESAS-UPD16901GS Datasheet
220Kb / 14P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD16901

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8083S PANASONIC-AN8083S Datasheet
62Kb / 5P
Low Voltage Operation IC for DC-DC Converter
AN8086S PANASONIC-AN8086S Datasheet
43Kb / 3P
Low Voltage Operation IC for DC-DC Converter
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1309 LINER-LT1309 Datasheet
236Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
DC-DC CONVERTER IC
logo
Linear Technology
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
DC/DC Converter IC
LV5072M SANYO-LV5072M Datasheet
218Kb / 9P
DC/DC Converter IC
logo
Linear Technology
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com