Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16901 Datasheet(PDF) 1 Page - NEC

Part # UPD16901
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16901 Datasheet(HTML) 1 Page - NEC

  UPD16901 Datasheet HTML 1Page - NEC UPD16901 Datasheet HTML 2Page - NEC UPD16901 Datasheet HTML 3Page - NEC UPD16901 Datasheet HTML 4Page - NEC UPD16901 Datasheet HTML 5Page - NEC UPD16901 Datasheet HTML 6Page - NEC UPD16901 Datasheet HTML 7Page - NEC UPD16901 Datasheet HTML 8Page - NEC UPD16901 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
Document No. S10643EJ2V0DS00 (2nd edition)
Date Published May 1997 N
Printed in Japan
µPD16901
The
µPD16901 is a DC/DC converter IC which produces a 12 V output from a 5 V input source. The integration
of a control circuit and power MOSFET in the output stage on a single-chip allows a power supply for flash memory
write and erasure to be configured with a reduced number of external components.
FEATURES
•
With an on-chip output stage power MOSFET, fewer external components are needed.
•
The ALLMOS structure achieves low power consumption.
•
Internally set output voltage eliminates the need for adjustment.
•
Output can be turned ON/OFF via an external signal.
•
A timer latch type overcurrent protection circuit on chip
ORDERING INFORMATION
Part Number
Package
µPD16901GS
14-pin plastic SOP (300 mil)
BLOCK DIAGRAM
ON/OFF
VIN
CDLY
C1H
C1L
C2
FB
RT
GND
C.S.
VSW
F/F
Reference
voltage circuit
Startup
circuit
Timer latch short-circuit
protection circuit
Charge pump
circuit
Oscillation
circuit
Overcurrent
detection circuit
β
SW
FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
The information in this document is subject to change without notice.


Similar Part No. - UPD16901

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16901 RENESAS-UPD16901 Datasheet
220Kb / 14P
MOS INTEGRATED CIRCUIT
1997
UPD16901GS RENESAS-UPD16901GS Datasheet
220Kb / 14P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD16901

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8083S PANASONIC-AN8083S Datasheet
62Kb / 5P
Low Voltage Operation IC for DC-DC Converter
AN8086S PANASONIC-AN8086S Datasheet
43Kb / 3P
Low Voltage Operation IC for DC-DC Converter
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1309 LINER-LT1309 Datasheet
236Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
DC-DC CONVERTER IC
logo
Linear Technology
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
DC/DC Converter IC
LV5072M SANYO-LV5072M Datasheet
218Kb / 9P
DC/DC Converter IC
logo
Linear Technology
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com