Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL2203 Datasheet (PDF) - International Rectifier

IRL2203 Datasheet PDF - International Rectifier
Part # IRL2203
Download  IRL2203 Download
File Size   221.17 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??

IRL2203 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL2203 Datasheet PDF - International Rectifier

Part # IRL2203
Download  IRL2203 Click to download

File Size   221.17 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??

IRL2203 Datasheet (HTML) - International Rectifier


IRL2203 Product details

Description

Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.



Advanced Process Technology

Ultra Low On-Resistance

Dynamic dv/dt Rating

175°C Operating Temperature

Fast Switching

Fully Avalanche Rated




Similar Part No. - IRL2203

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL2203N ISC-IRL2203N Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRL2203NL IRF-IRL2203NL Datasheet
132Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
231Kb / 11P
HEXFET짰 Power MOSFET
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
295Kb / 10P
Advanced Process Technology
IRL2203NPBF IRF-IRL2203NPBF Datasheet
183Kb / 8P
HEXFET짰 Power MOSFET
More results


Similar Description - IRL2203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRLP3803 IRF-IRLP3803 Datasheet
295Kb / 8P
HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com