Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR3103 Datasheet (PDF) - International Rectifier

IRLR3103 Datasheet PDF - International Rectifier
Part # IRLR3103
Download  IRLR3103 Download
File Size   164.75 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??

IRLR3103 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR3103 Datasheet PDF - International Rectifier

Part # IRLR3103
Download  IRLR3103 Click to download

File Size   164.75 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??

IRLR3103 Datasheet (HTML) - International Rectifier




Similar Part No. - IRLR3103

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR3103 ISC-IRLR3103 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3103PBF IRF-IRLR3103PBF Datasheet
291Kb / 11P
HEXFET짰 Power MOSFET
IRLR3103PBF IRF-IRLR3103PBF Datasheet
292Kb / 11P
Logic-Level Gate Drive
IRLR3103PBF IRF-IRLR3103PBF_15 Datasheet
292Kb / 11P
Logic-Level Gate Drive
IRLR3103TR IRF-IRLR3103TR Datasheet
215Kb / 11P
HEXFET짰 Power MOSFET
More results


Similar Description - IRLR3103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLP3803 IRF-IRLP3803 Datasheet
295Kb / 8P
HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com