Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR3103 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR3103
Description  Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103 Datasheet(HTML) 2 Page - International Rectifier

  IRLR3103 Datasheet HTML 1Page - International Rectifier IRLR3103 Datasheet HTML 2Page - International Rectifier IRLR3103 Datasheet HTML 3Page - International Rectifier IRLR3103 Datasheet HTML 4Page - International Rectifier IRLR3103 Datasheet HTML 5Page - International Rectifier IRLR3103 Datasheet HTML 6Page - International Rectifier IRLR3103 Datasheet HTML 7Page - International Rectifier IRLR3103 Datasheet HTML 8Page - International Rectifier IRLR3103 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR/U3103
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.037 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.019
VGS = 10V, ID = 28A
„
–––
––– 0.024
VGS = 4.5V, ID = 23A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
23
–––
–––
S
VDS = 25V, ID = 34A
‡
–––
–––
25
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
50
ID = 34A
Qgs
Gate-to-Source Charge
–––
–––
14
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
28
VGS = 4.5V, See Fig. 6 and 13
„‡
td(on)
Turn-On Delay Time
–––
9.0
–––
VDD = 15V
tr
Rise Time
–––
210
–––
ID = 34A
td(off)
Turn-Off Delay Time
–––
20
–––
RG = 3.4Ω, VGS = 4.5V
tf
Fall Time
–––
54
–––
RD = 0.43Ω, See Fig. 10
„‡
Between lead,
6mm (0.25in.)
from package
and center of die contact
†
Ciss
Input Capacitance
–––
1600 –––
VGS = 0V
Coss
Output Capacitance
–––
640
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
320
–––
ƒ = 1.0MHz, See Fig. 5
‡
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nA
S
D
G
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
LD
Internal Drain Inductance
–––
4.5
–––
LS
Internal Source Inductance
–––
7.5
–––
ns
µA
nH
Ω
… Caculated continuous current based on maximum allowable junction temperature;
Package limitation current = 20A.
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
† This is applied for I-PAK, LS of D-PAK is measured between lead and center of
die contact
‚ VDD = 15V, starting TJ = 25°C, L = 300µH
RG = 25Ω, IAS = 34A. (See Figure 12)
ƒ ISD ≤ 34A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
‡ Uses IRL3103 data and test conditions.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
‡
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 28A, VGS = 0V
„
trr
Reverse Recovery Time
–––
81
120
ns
TJ = 25°C, IF = 34A
Qrr
Reverse RecoveryCharge
–––
210
310
nC
di/dt = 100A/µs
„‡
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
A
–––
––– 220
…
–––
–––
46
…
S
D
G
Source-Drain Ratings and Characteristics
Rev. #
Parameters Old spec.
New spec.
Comments
Revision Date
1VGS(th) (Max.)
2.5V
No spec.
Removed VGS(th) Max. Specification
5/1/96
1VGS (Max.)
±20
±16
Decrease VGS Max. Specification
5/1/96
Specification changes
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com