Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML5203 Datasheet (PDF) - International Rectifier

IRLML5203 Datasheet PDF - International Rectifier
Part # IRLML5203
Download  IRLML5203 Download
File Size   137.34 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V)

IRLML5203 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML5203 Datasheet PDF - International Rectifier

Part # IRLML5203
Download  IRLML5203 Click to download

File Size   137.34 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V)

IRLML5203 Datasheet (HTML) - International Rectifier


IRLML5203 Product details

Description
These P-channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.
A thermally enhanced large pad leadframe has been incorporated into the standard SOT-23 package to produce a HEXFET Power MOSFET with the industrys smallest footprint. This package, dubbed the Micro3TM, is ideal for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro3 allows it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards. The thermal resistance and power dissipation are the best available.

● Ultra Low On-Resistance
● P-Channel MOSFET
● Surface Mount
● Available in Tape & Reel
● Low Gate Charge




Similar Part No. - IRLML5203

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
IRLML5203 HOTTECH-IRLML5203 Datasheet
516Kb / 5P
Plastic-Encapsulate Mosfets
logo
Guangdong Youtai Semico...
IRLML5203 UMW-IRLML5203 Datasheet
2Mb / 8P
SOT-23 Plastic-Encapsulate MOSFETS
logo
EVER SEMICONDUCTOR CO.,...
IRLML5203 EVVOSEMI-IRLML5203 Datasheet
473Kb / 8P
SOT-23 Plastic-Encapsulate MOSFETS
Rev:2023A2
logo
International Rectifier
IRLML5203GPBF IRF-IRLML5203GPBF Datasheet
199Kb / 9P
HEXFET Power MOSFET
IRLML5203GPBF IRF-IRLML5203GPBF Datasheet
199Kb / 9P
Ultra Low On-Resistance
More results


Similar Description - IRLML5203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
Power MOSFET(Vdss=30V, Id=11A)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
Power MOSFET(Vdss=-30V)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com