Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7466 Datasheet (PDF) - International Rectifier

IRF7466 Datasheet PDF - International Rectifier
Part # IRF7466
Download  IRF7466 Download
File Size   233.12 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Id=11A)

IRF7466 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7466 Datasheet PDF - International Rectifier

Part # IRF7466
Download  IRF7466 Click to download

File Size   233.12 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Id=11A)

IRF7466 Datasheet (HTML) - International Rectifier


IRF7466 Product details

VDSS 30V  
RDS(on) max(mΩ)
12.5@VGS = 10V
ID = 11A

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on)
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
● High Frequency Buck Converters for Computer Processor Power




Similar Part No. - IRF7466

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
More results


Similar Description - IRF7466

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com