Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSF3010 Datasheet (PDF) - International Rectifier

IRSF3010 Datasheet PDF - International Rectifier
Part # IRSF3010
Download  IRSF3010 Download
File Size   483.34 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)

IRSF3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRSF3010 Datasheet PDF - International Rectifier

Part # IRSF3010
Download  IRSF3010 Click to download

File Size   483.34 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)

IRSF3010 Datasheet (HTML) - International Rectifier


IRSF3010 Product details

General Description:
The IRSF3010 is a three terminal monolithic SMART POWER MOSFET with built in short circuit, over-temperature, ESD and over-voltage protections.
The on chip protection circuit latches off the POWER MOSFET in case the drain current exceeds 14A (typical) or the junction temperature exceeds 165°C (typical) and keeps it off until the input is driven low. The drain to source voltage is actively clamped at 55V (typical), prior to the avalanche of POWER MOSFET, thus improving its performance during turn off with inductive loads.

Features:
■ Extremely Rugged for Harsh Operating Environments
■ Over Temperature Protection
■ Over Current Protection
■ Active Drain to Source Clamp
■ ESD Protection
■ Compatible with standard POWER MOSFET
■ Low Operating Input Current
■ Monolithic Construction
■ Dual set/reset Threshold Input

Applications:
■ DC Motor Drive
■ Solenoid Driver




Similar Part No. - IRSF3010

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
More results


Similar Description - IRSF3010

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3021 IRF-IRSF3021 Datasheet
306Kb / 6P
FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com