Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSF3021 Datasheet (PDF) - International Rectifier

IRSF3021 Datasheet PDF - International Rectifier
Part # IRSF3021
Download  IRSF3021 Download
File Size   306.63 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)

IRSF3021 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRSF3021 Datasheet PDF - International Rectifier

Part # IRSF3021
Download  IRSF3021 Click to download

File Size   306.63 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)

IRSF3021 Datasheet (HTML) - International Rectifier


IRSF3021 Product details

Description
The IRSF3021 Lamp and DC Motor Driver is a fully protected three terminal monolithic SMART POWER MOSFET that features current limiting, over-temperature protection, gate-to-source ESD protection and gate-to-drain clamp for over-voltage protection.
The on-chip protection circuit limits the drain current in the on-state. The over-temperature circuitry turns off the POWER MOSFET when the junction temperature exceeds 165°C. The device restarts automatically once it has cooled down below the reset temperature.
The IRSF3021 is specifically designed for driving loads that require overload protection and in-rush current control while operating in automotive and industrial environments. Targeted applications include resistive loads such as lamps or capacitive loads such as airbag squibs and DC motor drives.

Features
■ Controlled Slew Rate Reduces EMI
■ Over Temperature Protection with Auto-Restart
■ Linear Current-Limit Protection
■ Active Drain-to-Source Clamp
■ ESD Protection
■ Compatible with Standard Power MOSFET
■ Low Operating Input Current
■ Monolithic Construction
■ Logic Level Input Threshold

Applications
■ Cabin Lighting
■ Airbag System
■ Programmable Logic Controller
■ DC Motor Drive




Similar Part No. - IRSF3021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
More results


Similar Description - IRSF3021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com