Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSF3021 Datasheet(PDF) 2 Page - International Rectifier

Part # IRSF3021
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3021 Datasheet(HTML) 2 Page - International Rectifier

  IRSF3021 Datasheet HTML 1Page - International Rectifier IRSF3021 Datasheet HTML 2Page - International Rectifier IRSF3021 Datasheet HTML 3Page - International Rectifier IRSF3021 Datasheet HTML 4Page - International Rectifier IRSF3021 Datasheet HTML 5Page - International Rectifier IRSF3021 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRSF3021
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. (Tc = 25°C unless
otherwise specified.)
Minimum Maximum Units
Test Conditions
Vds, max Continuous Drain to Source Voltage
—
50
V
Vin, max Continuous Input Voltage
-0.3
8
Ids
Continuous Drain Current
—
self limited
Pd
Power Dissipation
—
30
W
Tc ≤ 25°C
EAS
Unclamped Single Pulse Inductive Energy
—
200
mJ
Vesd1
Electrostatic Discharge Voltage (Human Body Model)
—
4000
V
1000pF.1.5kΩ
Vesd2
Electrostatic Discharge Voltage (Machine Model)
—
1000
200pF,0Ω
TJop
Operating Junction Temperature Range
-40
self-limited
TStg
Storage Temperature Range
-40
175
°C
TL
Lead Temperature (Soldering, 10 seconds)
—
300
Switching ElectricalCharacteristics
(VCC = 14V, Resistive Load (RL) = 10Ω, Rin= 100Ω. Specifications measured at TC= 25°C unless otherwise specified.)
Minimum Typical Maximum Units Test Conditions
tdon
Turn-On Delay Time
—
10
50
Vin= 0V to 5V, 50% to 90%
tr
Rise Time
—
30
80
µs
Vin= 0V to 5V, 90% to 10%
tdoff
Turn-Off Delay Time
—
20
60
Vin= 0V to 5V, 50% to 10%
tf
Fall Time
—
15
50
Vin= 0V to 5V, 10% to 90%
SR
Output Positive Slew Rate
-4
—
4
V/µs
Vin= 0V to 5V, +dVds/dt
SR
Output Positive Slew Rate
-4
—
4
Vin = 0V to 5V, -dVds/dt
Minimum Typical Maximum Units Test Conditions
Vds,clamp Drain to Source Clamp Voltage
50
56
65
V
Ids= 6A, tp = 700 µS
Rds(on)
Drain to Source On Resistance
—
155
200
mΩ
Vin = 5V, Ids = 2A
Idss
Drain to Source Leakage Current
—
—
250
µA
Vds = 40V, Vin = 0V
Vth
Input Threshold Voltage
1.0
2.0
3.0
V
Vds = Vin, Ids + Iin= 10mA
Ii,on
Input Supply Current (Normal Operation)
—
100
300
µA
Vin = 5V
Ii,off
Input Supply Current (Protection Mode)
—
500
—
µA
Vin = 5V
Vin, clamp Input Clamp Voltage
9
10
—
V
Iin = 1mA
Vsd
Body-Drain Diode Forward DropŽ
—
1.5
—
V
Ids = -2A, Rin = 1kΩ
Static Electrical Characteristics
(Tc = 25°C unless otherwise specified.)
Minimum Typical Maximum Units Test Conditions
RΘjc
Junction to Case
—
—
4
°C/W TO-220AB
RΘjA
Junction to Ambient
—
—
60
RΘjc
Junction to PCB
—
—
40
°C/W SOT-223
RΘjA
Junction to PCBŒ
——
60
Thermal Characteristics
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com