Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSF3021 Datasheet(PDF) 1 Page - International Rectifier

Part # IRSF3021
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3021 Datasheet(HTML) 1 Page - International Rectifier

  IRSF3021 Datasheet HTML 1Page - International Rectifier IRSF3021 Datasheet HTML 2Page - International Rectifier IRSF3021 Datasheet HTML 3Page - International Rectifier IRSF3021 Datasheet HTML 4Page - International Rectifier IRSF3021 Datasheet HTML 5Page - International Rectifier IRSF3021 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Provisional Data Sheet No. PD 6.068B
Description
The IRSF3021 Lamp and DC Motor Driver is a fully protected three
terminal monolithic SMART POWER MOSFET that features current
limiting, over-temperature protection, gate-to-source ESD protection
and gate-to-drain clamp for over-voltage protection.
The on-chip protection circuit limits the drain current in the on-state.
The over-temperature circuitry turns off the POWER MOSFET when
the junction temperature exceeds 165°C. The device restarts automati-
cally once it has cooled down below the reset temperature.
The IRSF3021 is specifically designed for driving loads that require
overload protection and in-rush current control while operating in auto-
motive and industrial environments. Targeted applications include
resistive loads such as lamps or capacitive loads such as airbag squibs
and DC motor drives.
Vds(clamp)
50 V
Rds(on)
200 mΩ
Ilim
3.0 A
Tj(sd)
165oC
EAS
200 mJ
FULLY PROTECTED POWER MOSFET SWITCH
Features
s
Controlled Slew Rate Reduces EMI
s
Over Temperature Protection with Auto-Restart
s
Linear Current-Limit Protection
s
Active Drain-to-Source Clamp
s
ESD Protection
s
Compatible with Standard Power MOSFET
s
Low Operating Input Current
s
Monolithic Construction
s
Logic Level Input Threshold
Applications
s
Cabin Lighting
s
Airbag System
s
Programmable Logic Controller
s
DC Motor Drive
Available Packages
IRSF3021L
(SOT-223)
IRSF3021
(TO-220AB)
IRSF3021
IRSF3021 Block Diagram
Drain
Source
Input
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRSF3021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
More results

Similar Description - IRSF3021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com