Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSF3021 Datasheet(PDF) 4 Page - International Rectifier

Part # IRSF3021
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3021 Datasheet(HTML) 4 Page - International Rectifier

  IRSF3021 Datasheet HTML 1Page - International Rectifier IRSF3021 Datasheet HTML 2Page - International Rectifier IRSF3021 Datasheet HTML 3Page - International Rectifier IRSF3021 Datasheet HTML 4Page - International Rectifier IRSF3021 Datasheet HTML 5Page - International Rectifier IRSF3021 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRSF3021
Case Outline — SOT-223 (IRSF3021L)
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
B
0.65
0.85
0.026
0.033
B1
2.95
3.15
0.116
0.124
C
0.25
0.35
0.010
0.014
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
.0905 BSC
e1
4.60 BSC
0.181 BSC
H
6.71
7.29
0.287
0.264
L
—
0.91
—
0.036
L1
0.02
0.10
0.0006
0.004
Θ
10° MAX
10° MAX
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M, 1982
2. Controlling dimension: INCH
3. Dimensions do not include lead flash
4. Conforms to JEDEC outline TO-261AA
LEADASSIGNMENTS
1. Gate
2. Drain
3. Source
4. Drain
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com