Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412LS Datasheet (PDF) - International Rectifier

PVT412LS Datasheet PDF - International Rectifier
Part # PVT412LS
Download  PVT412LS Download
File Size   174.54 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC

PVT412LS Datasheet (PDF)

Go To PDF Page Download Datasheet
PVT412LS Datasheet PDF - International Rectifier

Part # PVT412LS
Download  PVT412LS Click to download

File Size   174.54 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC

PVT412LS Datasheet (HTML) - International Rectifier


PVT412LS Product details

General Description
The PVT412 Series Photovoltaic Relay is a singlepole, normally open solid-state relay that can replace electromechanical relays in many applications. It utilizes International Rectifier’s proprietary HEXFET power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.
   
Features
■ HEXFET Power MOSFET output
■ Bounce-free operation
■ 4,000 VRMS I/O isolation
■ Load current limiting
■ Linear AC/DC operation
■ Solid-State Reliability
■ UL recognized and BABT certified
■ ESD Tolerance: 4000V Human Body Model 500V Machine Model
   
Applications
■ On/Off Hook switch
■ Dial-Out relay
■ Ring relay
■ General switching
   




Similar Part No. - PVT412LS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412LS-TPBF IRF-PVT412LS-TPBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT412LSPBF IRF-PVT412LSPBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results


Similar Description - PVT412LS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT442 IRF-PVT442 Datasheet
87Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com