Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312 Datasheet (PDF) - International Rectifier

PVT312 Datasheet PDF - International Rectifier
Part # PVT312
Download  PVT312 Download
File Size   249.69 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC

PVT312 Datasheet (PDF)

Go To PDF Page Download Datasheet
PVT312 Datasheet PDF - International Rectifier

Part # PVT312
Download  PVT312 Click to download

File Size   249.69 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC

PVT312 Datasheet (HTML) - International Rectifier


PVT312 Product details

General Description
The PVT312 Photovoltaic Relay is a single-pole, normally open solid-state relay that can replace electromechanical relays in many applications. It utilizes International Rectifier’s proprietary HEXFET power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.

Features
■ HEXFET Power MOSFET output
■ Bounce-free operation
■ 4,000 VRMS I/O isolation
■ Load current limiting
■ Linear AC/DC operation
■ Solid-State Reliability
■ UL recognized and BABT certified
■ ESD Tolerance: 4000V Human Body Model 500V Machine Model

Applications
■ On/Off Hook switch
■ Dial-Out relay
■ Ring injection relay
■ Ground start
■ General switching




Similar Part No. - PVT312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312 IRF-PVT312 Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312L IRF-PVT312L Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LS IRF-PVT312LS Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
More results


Similar Description - PVT312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVN012 IRF-PVN012 Datasheet
245Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
PVT322 IRF-PVT322 Datasheet
261Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com