Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312 Datasheet(PDF) 4 Page - International Rectifier

Part # PVT312
Description  Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312 Datasheet(HTML) 4 Page - International Rectifier

  PVT312 Datasheet HTML 1Page - International Rectifier PVT312 Datasheet HTML 2Page - International Rectifier PVT312 Datasheet HTML 3Page - International Rectifier PVT312 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series PVT312 — HEXFET® Photovoltaic Relay
Vdd, Drain to Drain Voltage (V)
0
102030
40
50
160
120
80
40
0
"A" Connection
90 %
10 %
I
ILED
D
tdly
t on
t off
0.1
0.2
0.5
1.0
0.05
2.0
5.0
20
10
5
3
toff
t dly
ton
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
Figure 9. Typical Output
Capacitance
Case Outline
Dimensions in millimeters (inches)
Mechanical Specifications:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982
2. Controlling Dimension: Inch

Dimension does not include mold protrusions.
Mold protrusions shall not exceed 0.25 (.010).
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 713215
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ku, Tokyo, Japan 171 Tel: ++ 81 3 3983 0641
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: ++ 65 221 8371
http://www/irf.com/
Data and specifications subject to change without notice. 10/31/96
Delay time (milliseconds)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com