Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312 Datasheet(PDF) 1 Page - International Rectifier

Part # PVT312
Description  Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312 Datasheet(HTML) 1 Page - International Rectifier

  PVT312 Datasheet HTML 1Page - International Rectifier PVT312 Datasheet HTML 2Page - International Rectifier PVT312 Datasheet HTML 3Page - International Rectifier PVT312 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PD 1.038A
Series PVT312
Microelectronic
Power IC Relay
Single Pole, Normally Open, 0-250V, 190mA AC/DC
General Description
The PVT312 Photovoltaic Relay is a single-pole,
normally open solid-state relay that can replace
electromechanical relays in many applications. It
utilizes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
This SSR is specifically designed for telecom
applications. PVT312L employs an active current-
limiting circuitry enabling it to withstand current
surge transients.
PVT312 Relays are packaged in a 6-pin, molded
DIP package with either through-hole or surface
mount ( “gull-wing”) terminals. It is available in
standard plastic shipping tubes or on tape-and-reel.
Please refer to the Part Identification information
opposite.
PVT312L Features
HEXFET Power MOSFET output s
s
s
s
s
Bounce-free operation s
s
s
s
s
4,000 V
RMS I/O isolation
s
s
s
s
s
Load current limiting s
s
s
s
s
Linear AC/DC operation s
s
s
s
s
Solid-State reliability s
s
s
s
s
UL recognized s
s
s
s
s
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Applications
n
On/Off Hook switch
n
Dial-Out relay
n
Ring injection relay
n
Ground start
n
General switching
Part Identification
PVT312L
current limit, through-hole
PVT312LS
current limit, surface-mount
PVT312LS-T
surface-mount, tape and reel
PVT312
no current limit, through-hole
PVT312S
no current limit, surface-mount
PVT312S-T
no current limit,
surface-mount, tape and reel
HEXFET® Power MOSFET Photovoltaic Relay
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVT312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312 IRF-PVT312 Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312L IRF-PVT312L Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LS IRF-PVT312LS Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
More results

Similar Description - PVT312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVN012 IRF-PVN012 Datasheet
245Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
PVT322 IRF-PVT322 Datasheet
261Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com