Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD200N Datasheet (PDF) - International Rectifier

SD200N Datasheet PDF - International Rectifier
Part # SD200N
Download  SD200N Download
File Size   213.34 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES Stud Version

SD200N Datasheet (PDF)

Go To PDF Page Download Datasheet
SD200N Datasheet PDF - International Rectifier

Part # SD200N
Download  SD200N Click to download

File Size   213.34 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES Stud Version

SD200N Datasheet (HTML) - International Rectifier


SD200N Product details

Features
■ Wide current range
■ High voltage ratings up to 2400V
■ High surge current capabilities
■ Stud cathode and stud anode version
■ Standard JEDEC types

Typical Applications
■ Converters
■ Power supplies
■ Machine tool controls
■ High power drives
■ Medium traction applications




Similar Part No. - SD200N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD200N VISHAY-SD200N Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
SD200N/R16 VISHAY-SD200N/R16 Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
SD200N/R20 VISHAY-SD200N/R20 Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
SD200N/R24 VISHAY-SD200N/R24 Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
More results


Similar Description - SD200N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
130HF IRF-130HF Datasheet
309Kb / 6P
STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
Standard Recovery Diodes (Stud Version)
25NS NAINA-25NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
Standard Recovery Diodes (Stud Version)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com