Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17704 Datasheet (PDF) - NEC

UPD17704 Datasheet PDF - NEC
Part # UPD17704
Download  UPD17704 Download
File Size   1525.96 Kbytes
Page   356 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM

UPD17704 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17704 Datasheet PDF - NEC

Part # UPD17704
Download  UPD17704 Click to download

File Size   1525.96 Kbytes
Page   356 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM

UPD17704 Datasheet (HTML) - NEC


UPD17704 Product details

The µPD17704, 17705, 17707, 17708, and 17709 are 4-bit single-chip CMOS microcontrollers containing hardware for digital tuning systems.

Provided with a wealth of hardware, these microcontrollers are available in many variations of ROM and RAM capacities to support various applications.

Therefore, a high-performance, multi-function digital tuning system can be configured with only one chip. In addition, a one-time PROM model, µPD17P709, which can be written only once and therefore is ideal for program evaluation and small-scale production of a µPD17704, 17705, 17707, 17708, or 17709 system, is also available.



FEATURES

• Instruction execution time 1.78 µs (with fX = 4.5-MHz crystal oscillator)

• PLL frequency synthesizer

  Dual modulus prescaler (130 MHz MAX.), programmable divider, phase comparator, charge pump

• Abundant peripheral hardware units

  General-purpose I/O ports, serial interfaces, A/D converter, D/A converter (PWM output), BEEP output, frequency counter

• Many interrupts

  External : 6 sources

  Internal : 6 sources

• Power-ON reset, CE reset, and power failure detection circuit

• Supply voltage: VDD = 5 V ± 10 %



 




Similar Part No. - UPD17704

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17704 RENESAS-UPD17704 Datasheet
1Mb / 358P
MOS INTEGRATED CIRCUIT
1996
UPD17704A RENESAS-UPD17704A Datasheet
390Kb / 38P
MOS INTEGRATED CIRCUIT
2021
More results


Similar Description - UPD17704

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com