Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17933 Datasheet (PDF) - NEC

UPD17933 Datasheet PDF - NEC
Part # UPD17933
Download  UPD17933 Download
File Size   1022.01 Kbytes
Page   252 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE

UPD17933 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17933 Datasheet PDF - NEC

Part # UPD17933
Download  UPD17933 Click to download

File Size   1022.01 Kbytes
Page   252 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE

UPD17933 Datasheet (HTML) - NEC


UPD17933 Product details

4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE

The µPD17933 and 17934 are 4-bit single-chip CMOS microcontrollers with hardware for digital tuning systems (DTSs).
These microcontrollers integrate a prescaler that operates at a voltage as low as 1.05 V and up to 220 MHz, a PLL frequency synthesizer, an intermediate frequency (IF) counter, and an LCD controller/driver on a single chip.
Therefore, a high-performance digital tuning system for a portable set can be organized with a single chip.

FEATURES
• Program memory (ROM)
    µPD17933 : 12K bytes (6144 × 16 bits)
    µPD17934 : 16K bytes (8192 × 16 bits)
• General-purpose data memory (RAM) )
    448 × 4 bits
• Instruction execution time
    53.3 µs (with 75-kHz crystal resonator)
• PLL frequency synthesizer
    Dual modulus prescaler (220 MHz MAX.),
    programmable divider, phase comparator,
    charge pump
• Peripheral hardware
    General-purpose I/O ports, LCD controller/driver,
    serial interface, A/D converter, BEEP output,
    frequency counter
• Interrupt
    External: 1 source
    Internal : 3 sources
• Reset by RESET pin
• Low power consumption
• Supply voltage: VDD = 1.05 to 1.8 V




Similar Part No. - UPD17933

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17933 RENESAS-UPD17933 Datasheet
1Mb / 254P
MOS INTEGRATED CIRCUIT
1997
UPD17933GK-XXX-BE9 RENESAS-UPD17933GK-XXX-BE9 Datasheet
1Mb / 254P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD17933

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com