Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD178023 Datasheet (PDF) - NEC

UPD178023 Datasheet PDF - NEC
Part # UPD178023
Download  UPD178023 Download
File Size   261.57 Kbytes
Page   56 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD178023 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD178023 Datasheet PDF - NEC

Part # UPD178023
Download  UPD178023 Click to download

File Size   261.57 Kbytes
Page   56 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD178023 Datasheet (HTML) - NEC


UPD178023 Product details

DESCRIPTION
The µPD178023, 178024 are 8-bit single-chip CMOS microcontrollers containing hardware for digital tuning systems.
These microcontrollers employ a 78K/0 series architecture CPU and allow easy access to internal memories at high speed and easy control of peripheral hardware units. The high-speed 78K/0 series instructions are ideal for system control.
As peripheral hardware, a prescaler, PLL frequency synthesizer, and frequency counter for digital tuning systems are provided, as well as many I/O ports, timers, A/D converter, serial interface, and a power-ON clear circuit. In addition, three serial interfaces, I2C bus (IIC0), three-wire (SIO3), and UART are provided.
Moreover, a flash memory model, the µPD178F124, that operates in the same supply voltage range as the mask ROM models, and various development tools are also under development.

FEATURES
• High-capacity ROM and RAM
• Instruction cycle:
    0.45/0.89/1.78/3.56/7.11 µs (with crystal resonator of
    fX = 4.5 MHz)
• Many internal hardware units
    General-purpose I/O ports, A/D converter, serial
    interface (I2C bus and UART mode), timers, frequency
    counter, power-ON clear circuit
• Hardware for PLL frequency synthesizer
    Dual modulus prescaler, programmable divider,
    phase comparator, charge pump
• Vectored interrupt sources: 17
• Supply voltage
    :VDD = 4.5 to 5.5 V (during PLL and CPU operations)
    :VDD = 3.5 to 5.5 V (during CPU operation)




Similar Part No. - UPD178023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178023 RENESAS-UPD178023 Datasheet
399Kb / 58P
MOS INTEGRATED CIRCUIT
1999
UPD178023GC-XXX-8BT RENESAS-UPD178023GC-XXX-8BT Datasheet
399Kb / 58P
MOS INTEGRATED CIRCUIT
1999
UPD178023GF-XXX-3B9 RENESAS-UPD178023GF-XXX-3B9 Datasheet
399Kb / 58P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD178023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com