Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5400 Datasheet (PDF) - KEC(Korea Electronics)

2N5400 Datasheet PDF - KEC(Korea Electronics)
Part # 2N5400
Download  2N5400 Download
File Size   146.3 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

2N5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5400 Datasheet PDF - KEC(Korea Electronics)

Part # 2N5400
Download  2N5400 Click to download

File Size   146.3 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

2N5400 Datasheet (HTML) - KEC(Korea Electronics)


2N5400 Product details

GENERAL PURPOSE APPLICATION.
HIGH VOLTAGE APPLICATION.

FEATURES
• High Collector Breakdwon Voltage
   : VCBO=-130V, VCEO=-120V
• Low Leakage Current.
   : ICBO=-100nA(Max.) @VCB=-100V
• Low Saturation Voltage
   : VCE(sat)=-0.5V(Max.) @IC=-50mA, IB=-5mA
• Low Noise : NF=8dB (Max.)




Similar Part No. - 2N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
Amplifier Transistor(PNP Silicon)
logo
Samsung semiconductor
2N5400 SAMSUNG-2N5400 Datasheet
33Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Semtech Corporation
2N5400 SEMTECH-2N5400 Datasheet
124Kb / 2P
PNP Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications???
logo
Fairchild Semiconductor
2N5400 FAIRCHILD-2N5400 Datasheet
24Kb / 2P
PNP General Purpose Amplifier
logo
Boca Semiconductor Corp...
2N5400 BOCA-2N5400 Datasheet
144Kb / 5P
AMPLIFIER TRANSISTOR PNP SILICON
More results


Similar Description - 2N5400

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com