Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5551 Datasheet (PDF) - KEC(Korea Electronics)

2N5551 Datasheet PDF - KEC(Korea Electronics)
Part # 2N5551
Download  2N5551 Download
File Size   146.1 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)

2N5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5551 Datasheet PDF - KEC(Korea Electronics)

Part # 2N5551
Download  2N5551 Click to download

File Size   146.1 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)

2N5551 Datasheet (HTML) - KEC(Korea Electronics)


2N5551 Product details

GENERAL PURPOSE APPLICATION.

HIGH VOLTAGE APPLICATION.



FEATURES

High Collector Breakdwon Voltage

: VCBO=180V, VCEO=160V

Low Leakage Current.

: ICBO=50nA(Max.), VCB=120V

Low Saturation Voltage

: VCE(sat)=0.2V(Max.), IC=50mA, IB=5mA

Low Noise : NF=8dB (Max.)




Similar Part No. - 2N5551

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5551 ONSEMI-2N5551 Datasheet
188Kb / 6P
mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
Semtech Corporation
2N5551 SEMTECH-2N5551 Datasheet
131Kb / 2P
NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
Fairchild Semiconductor
2N5551 FAIRCHILD-2N5551 Datasheet
222Kb / 5P
NPN General Purpose Amplifier
logo
Boca Semiconductor Corp...
2N5551 BOCA-2N5551 Datasheet
57Kb / 2P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
Micro Electronics
2N5551 MICRO-ELECTRONICS-2N5551 Datasheet
165Kb / 2P
COMPLEMENTARY SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS
More results


Similar Description - 2N5551

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5550 KEC-2N5550 Datasheet
147Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5550S KEC-2N5550S Datasheet
152Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5551C KEC-2N5551C Datasheet
164Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5551S KEC-2N5551S Datasheet
150Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
MJE13003D3 CYSTEKEC-MJE13003D3 Datasheet
237Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com