Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5551C Datasheet (PDF) - KEC(Korea Electronics)

2N5551C Datasheet PDF - KEC(Korea Electronics)
Part # 2N5551C
Download  2N5551C Download
File Size   164.94 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)

2N5551C Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5551C Datasheet PDF - KEC(Korea Electronics)

Part # 2N5551C
Download  2N5551C Click to download

File Size   164.94 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)

2N5551C Datasheet (HTML) - KEC(Korea Electronics)


2N5551C Product details

GENERAL PURPOSE APPLICATION.
HIGH VOLTAGE APPLICATION.

FEATURES
• High Collector Breakdwon Voltage
   : VCBO=180V, VCEO=160V
• Low Leakage Current.
   : ICBO=50nA(Max.), VCB=120V
• Low Saturation Voltage
   : VCE(sat)=0.2V(Max.), IC=50mA, IB=5mA
• Low Noise : NF=8dB (Max.)




Similar Part No. - 2N5551C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5551C KEC-2N5551C Datasheet
30Kb / 1P
TO-92 PACKAGE
logo
AiT Semiconductor Inc.
2N5551C AITSEMI-2N5551C Datasheet
707Kb / 6P
GENERAL PURPOSE TRANSISTORS
logo
AUK corp
2N5551CN AUK-2N5551CN Datasheet
252Kb / 4P
NPN Silicon Transistor
logo
Seme LAB
2N5551CSM SEME-LAB-2N5551CSM Datasheet
40Kb / 2P
HIGH VOLTAGE NPN SWITCHING TRANSISTOR IN A
logo
KEC(Korea Electronics)
2N5551C KEC-2N5551C_00 Datasheet
30Kb / 1P
TO-92 PACKAGE
More results


Similar Description - 2N5551C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5550 KEC-2N5550 Datasheet
147Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5550S KEC-2N5550S Datasheet
152Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5551 KEC-2N5551 Datasheet
146Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5551S KEC-2N5551S Datasheet
150Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
MJE13003D3 CYSTEKEC-MJE13003D3 Datasheet
237Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com