Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2063 Datasheet (PDF) - STMicroelectronics

AN2063 Datasheet PDF - STMicroelectronics
Part # AN2063
Download  AN2063 Download
File Size   397.65 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The new regulation on the power supply standby consumption for the battery charger

AN2063 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN2063 Datasheet PDF - STMicroelectronics

Part # AN2063
Download  AN2063 Click to download

File Size   397.65 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The new regulation on the power supply standby consumption for the battery charger

AN2063 Datasheet (HTML) - STMicroelectronics


AN2063 Product details

Introduction
The new regulation on the power supply standby consumption for the battery charger is more and more stringent. Thanks to the VIPerx2A family low power consumption, a battery charger can be built in standby mode with no-load of 100 mW. This charger solution with the VIPer12A-E is presented in Table 1.

Some general features:
• Ultra low standby power dissipation
• Burst mode operation in standby
• 72% typical efficiency
• Current mode controller
• Output short-circuit protection
• Thermal shutdown protection

Description
The VIPer12A-E is a high voltage integrated circuit intended to be used as a primary side switch on the offline power supply, in a monolithic structure housed in DIP8 or SO- 8 package. It includes a PWM driver, a power MOSFET with 730 V breakdown voltage, a start-up circuit and several protection circuits. It minimizes the count of external parts, reduces the product size and power consumption. This application note describes the results obtained when the VIPer12A-E is used in mobile charger applications.




Similar Part No. - AN2063

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN206 VISHAY-AN206 Datasheet
25Kb / 3P
DG406 Multiplexer Optimizes Medical Simulator
10-Aug-99
logo
STMicroelectronics
AN2061 STMICROELECTRONICS-AN2061 Datasheet
189Kb / 15P
External EEPROMs are often used in automotive applications
24-Sep-2013
AN2064 STMICROELECTRONICS-AN2064 Datasheet
426Kb / 14P
Compliance of series/parallel protections for Telecom CO
11-Jul-2005
AN2067 STMICROELECTRONICS-AN2067 Datasheet
712Kb / 25P
LED manufacturers propose white LEDs inside a monolithic chip
14-Nov-2014
More results


Similar Description - AN2063

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
logo
Isahaya Electronics Cor...
VLA553-01R ISAHAYA-VLA553-01R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
VLA553-02R ISAHAYA-VLA553-02R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
logo
Harris Corporation
VC4000 HARRIS-VC4000 Datasheet
369Kb / 2P
The VC4000 Charger
logo
Shenzhen Huazhimei Semi...
HM2511B HMSEMI-HM2511B Datasheet
439Kb / 6P
When the logic power supply VDD is powered low, the output will enter the Standby mode.
HM2517B HMSEMI-HM2517B Datasheet
486Kb / 6P
When the logic power supply VDD is powered down or the voltage is too low, the output will enter the Standby mode.
logo
Lowpower Semiconductor ...
LP4059 POWER-LP4059 Datasheet
365Kb / 9P
Low standby power consumption 800mA Linear Li-Ion Battery Charger
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com