Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2067 Datasheet (PDF) - STMicroelectronics

AN2067 Datasheet PDF - STMicroelectronics
Part # AN2067
Download  AN2067 Download
File Size   712.16 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LED manufacturers propose white LEDs inside a monolithic chip

AN2067 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN2067 Datasheet PDF - STMicroelectronics

Part # AN2067
Download  AN2067 Click to download

File Size   712.16 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LED manufacturers propose white LEDs inside a monolithic chip

AN2067 Datasheet (HTML) - STMicroelectronics


AN2067 Product details

Introduction
LED manufacturers propose white LEDs inside a monolithic chip, or single-chip white LED.
A current source is the most appropriate way to drive LEDs. A large voltage range must be supported on the output due to the threshold of these white LEDs.
Furthermore, these dimmed LEDs must be driven by a PWM (current generator).
As a consequence, the key feature for this offline power supply is a current generator, which can work as a pulse width-modulated mode, with a wide output voltage range, and with any input voltage standard, and a galvanic isolation.
The VIPer53-E, the first multichip device of the VIPer® family, has a very low RDS(on) of 1 Ω allowing a typical power of 35 W in wide range in a standard DIP8 package without a heatsink. Thanks to a lower power dissipation, the VIPer53-E meets higher efficiency and reduced space.

Some general features:
   – The block diagram is given in Figure 1. An adjustable oscillator drives a current controlled PWM at a fixed switching frequency.
   – The peak drain current is set for each cycle by the voltage present on the COMP pin.
   – The useful range of the COMP pin extends from 0.5 V to 4.5 V, with a corresponding drain current range from 0 A to 2 A. This COMP pin can be either used as an input in case of secondary feedback configuration, or as an output when the internal error amplifier connected on the VDD pin operates in primary feedback to regulate the VDD voltage to 15 V.




Similar Part No. - AN2067

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN206 VISHAY-AN206 Datasheet
25Kb / 3P
DG406 Multiplexer Optimizes Medical Simulator
10-Aug-99
logo
STMicroelectronics
AN2061 STMICROELECTRONICS-AN2061 Datasheet
189Kb / 15P
External EEPROMs are often used in automotive applications
24-Sep-2013
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
The new regulation on the power supply standby consumption for the battery charger
10-Nov-2014
AN2064 STMICROELECTRONICS-AN2064 Datasheet
426Kb / 14P
Compliance of series/parallel protections for Telecom CO
11-Jul-2005
More results


Similar Description - AN2067

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
logo
AUK corp
SW1314E-H AUK-SW1314E-H Datasheet
174Kb / 6P
White Chip LED
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
White SMD Chip LED Lamps
2006/10/18
logo
Everlight Electronics C...
W1D-ANPHY-3T EVERLIGHT-W1D-ANPHY-3T Datasheet
159Kb / 11P
White Chip LED
19-21-W1D-ANPHY EVERLIGHT-19-21-W1D-ANPHY Datasheet
149Kb / 11P
White Chip LED
03-25-2004
logo
IDEA.lnc.
JRC4251 IDEA-JRC4251 Datasheet
24Kb / 1P
Blue & White LEDs, Water Clear LED
logo
List of Unclassifed Man...
CBT-90-G-C11-JK200 ETC2-CBT-90-G-C11-JK200 Datasheet
776Kb / 2P
Big Chip White LED
logo
Visual Communications C...
CMD333UWC VCC-CMD333UWC Datasheet
59Kb / 1P
White LEDs
logo
Tripp Lite. All Rights ...
N080-C25-IC-WH TRIPPLITE-N080-C25-IC-WH Datasheet
155Kb / 2P
Raceway Inside Corner Connector, 20 Pack, White, TAA
logo
Luminus, Inc
CBT-140 LUMINUS-CBT-140 Datasheet
1Mb / 17P
White LEDs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com