Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC328 Datasheet (PDF) - KEC(Korea Electronics)

BC328 Datasheet PDF - KEC(Korea Electronics)
Part # BC328
Download  BC328 Download
File Size   267.13 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

BC328 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC328 Datasheet PDF - KEC(Korea Electronics)

Part # BC328
Download  BC328 Click to download

File Size   267.13 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

BC328 Datasheet (HTML) - KEC(Korea Electronics)


BC328 Product details

GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.

FEATURES
• High Current : IC=-800mA.
• DC Current Gain : hFE=100~630 (VCE=-1V, Ic=-100mA).
• For Complementary with NPN type BC338.




Similar Part No. - BC328

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC328 MOTOROLA-BC328 Datasheet
160Kb / 4P
Amplifier Transistors(PNP)
logo
Semtech Corporation
BC328 SEMTECH-BC328 Datasheet
424Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
Siemens Semiconductor G...
BC328 SIEMENS-BC328 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC328 FAIRCHILD-BC328 Datasheet
92Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC328 GE-BC328 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
More results


Similar Description - BC328

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com