Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR721S Datasheet (PDF) - KEC(Korea Electronics)

KDR721S Datasheet PDF - KEC(Korea Electronics)
Part # KDR721S
Download  KDR721S Download
File Size   383.87 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE(CATHODE COMMAND)

KDR721S Datasheet (PDF)

Go To PDF Page Download Datasheet
KDR721S Datasheet PDF - KEC(Korea Electronics)

Part # KDR721S
Download  KDR721S Click to download

File Size   383.87 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE(CATHODE COMMAND)

KDR721S Datasheet (HTML) - KEC(Korea Electronics)


KDR721S Product details

For high speed switching circuit.
For small current rectification.

FEATURES
• Low Forward Voltage : VF max=0.55V.
• IO=200mA recification possible.




Similar Part No. - KDR721S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR721S KEC-KDR721S Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR721S KEC-KDR721S_15 Datasheet
474Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Similar Description - KDR721S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR732E KEC-KDR732E Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
KDR732V KEC-KDR732V Datasheet
390Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
logo
Nihon Inter Electronics...
TCQ30B04 NIEC-TCQ30B04 Datasheet
76Kb / 6P
Schottky Barrier Diode - 30A 40V Cathode Common
logo
Sanyo Semicon Device
SBE602 SANYO-SBE602 Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type Cathode Common) 30V, 70mA Rectifier
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBR200-10JS SANYO-SBR200-10JS Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBT150-06JS SANYO-SBT150-06JS Datasheet
251Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 60V, 15A Rectifier
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBR250-10JS SANYO-SBR250-10JS Datasheet
251Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 100V, 25A Rectifier
RU-SPX4 SANYO-RU-SPX4 Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com