Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2844 Datasheet (PDF) - STMicroelectronics

AN2844 Datasheet PDF - STMicroelectronics
Part # AN2844
Download  AN2844 Download
File Size   1484.8 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15 W wide range SMPS for metering

AN2844 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN2844 Datasheet PDF - STMicroelectronics

Part # AN2844
Download  AN2844 Click to download

File Size   1484.8 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15 W wide range SMPS for metering

AN2844 Datasheet (HTML) - STMicroelectronics


AN2844 Product details

Introduction
This document describes a 15-W flyback switched mode power supply (SMPS) application that uses an emitter-switched bipolar transistor (ESBT™) switch (STC03DE220HV) and L6565 quasi-resonant pulse-width modulation (PWM) controller.
The application is a universal, cost-effective flyback converter used in metering applications, with an excellent wide-voltage input range from 125 to 1250 VDC, achieved using the ESBT as the main switch and a quasi-resonant PWM driver.

Adapter features
Main characteristics
The following is a list of the specifications and main parameters of the demonstration board.
● Minimum input voltage: 125 VDC
● Maximum input voltage: 1250 VDC
● Output voltage: 5 V - 3.0 A
● Maximum output power: 15 W
● Short-circuit protection based on auto-restart feature
● Minimum switching frequency limited to 30 kHz
● Overall converter efficiency > 60%
● Non-galvanic isolated solution used in most metering applications
● PCB type and size:
   – material used for PCB: FR-4
   – double-sided layout
   – thickness of copper: 35 µm
   – total diameter of demonstration board: 58 x 120 mm.




Similar Part No. - AN2844

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
AN2841 STMICROELECTRONICS-AN2841 Datasheet
788Kb / 31P
This application note deals with the general principles of LED dimming
10-Nov-2008
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
Paralleling of power MOSFETs in PFC topology
29-Jul-2009
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
AN2847 STMICROELECTRONICS-AN2847 Datasheet
407Kb / 31P
This document provides application information for the low-voltage 3-axis digital output
08-Sep-2010
More results


Similar Description - AN2844

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.22 ELMOS-E910.22 Datasheet
122Kb / 1P
Wide range SMPS with watchdog
logo
Power Systems GmbH+Co.K...
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
logo
STMicroelectronics
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
AN2528 STMICROELECTRONICS-AN2528 Datasheet
860Kb / 21P
Very wide input voltage range 6 W SMPS for metering
05-Jul-2007
AN2439 STMICROELECTRONICS-AN2439 Datasheet
416Kb / 20P
27 W Output power ultra wide range input
25-Jun-2006
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
Schneider Electric
EZM12000GCBU SCHNEIDER-EZM12000GCBU Datasheet
57Kb / 2P
METERING EZM12000CBU W/ RGF36200U31A
Mar 23, 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com