Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.22 Datasheet (PDF) - ELMOS Semiconductor AG

E910.22 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.22
Download  E910.22 Download
File Size   122.14 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Wide range SMPS with watchdog

E910.22 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.22 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.22
Download  E910.22 Click to download

File Size   122.14 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Wide range SMPS with watchdog

E910.22 Datasheet (HTML) - ELMOS Semiconductor AG


E910.22 Product details

DESCRIPTION
The IC is developed and optimized for automotive applications where it can generate different output voltages as a flyback converter. The input voltage may be higher or lower than the output voltage. The multi-loop-regulation concept ensures fast response to variation of input voltage and load. The reset circuit generates a reliable reset signal until the output is in tolerance and the integrated, programmable windowed watchdog guarantees a minimum and maximum software reset time. An additional systemenable output enables critical components after the controller has served the watchdog three times to guarantee a save controller wake up sequence. This successful wake up also enables the ‘HOLD’-capability so that the controller can keep the converter running without ‘ON’ and ‘K15D’ active.

FEATURES
► Flyback converter with wide input range of 3V to 55V
► 5V first output voltage
► Additional output voltages possible with additional windings on transformer
► Softstart capability
► ON control-input with wide input voltage range
► Precise, programmable windowed watchdog
► Low standby current (50µA typical)
► Open load stable
► Snapback output current after short circuit on load
► K15D control-input
► Self-oscillating, multi-loop-regulation
► Non dissipating primary current simulation
► Degausing input and variable delayed switch on
► Push/pull driver for logic level Power-MOSFET
► No current shunt needed
► – 40°C to + 125 ºC operating temperature
► Additional system-enable output for critical modules
► SO 20w package

APPLICATION
► Automotive electronics
► Controller and sensor supply




Similar Part No. - E910.22

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.24 ELMOS-E910.24 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.25 ELMOS-E910.25 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.26 ELMOS-E910.26 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
External Adjustable High Efficiency PFM Step-Down Converter
More results


Similar Description - E910.22

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
STMicroelectronics
AN2528 STMICROELECTRONICS-AN2528 Datasheet
860Kb / 21P
Very wide input voltage range 6 W SMPS for metering
05-Jul-2007
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
AN2864 STMICROELECTRONICS-AN2864 Datasheet
1Mb / 29P
VIPER17L demonstration board with wide-range
12-Jul-2009
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
Watchdog operation voltage range
logo
Linear Technology
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com