Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.27A Datasheet (PDF) - ELMOS Semiconductor AG

E910.27A Datasheet PDF - ELMOS Semiconductor AG
Part # E910.27A
Download  E910.27A Download
File Size   1043.0 Kbytes
Page   50 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description External Adjustable High Efficiency PFM Step-Down Converter

E910.27A Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.27A Datasheet PDF - ELMOS Semiconductor AG

Part # E910.27A
Download  E910.27A Click to download

File Size   1043.0 Kbytes
Page   50 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description External Adjustable High Efficiency PFM Step-Down Converter

E910.27A Datasheet (HTML) - ELMOS Semiconductor AG


E910.27A Product details

Brief Functional Description
The easy to use hysteretic step-down converter provides high efficiency over a wide load and input range with few external components.
An advanced PFM control scheme gives this device the benefits of a PWM converter with high efficiency at heavy loads, while using very low operating current at light loads to maintain an excellent behaviour over load variation.
Maximum switching frequency of 300kHz permits small external components and operation to 100% duty cycle allows the lowest possible dropout voltage. For optimal flexibility an external shunt resistor sets the maximum output current.

Features
• More than 90% efficiency and 100% duty cycle
• Wide input voltage range from 5V to 40V
• Integrated 1.6A on-chip P-channel MOS power switch
• 12µA typical shutdown current
• Less than 0.5V drop voltage at 500mA output current
• 0.2V to Vinput adjustable output range
• Controllable VOUT via an external Reference
• No control loop compensation required
• Improved current-limited PFM converter
• Maximum operating frequency > 300kHz
• Power good, reset or watchdog signal
• Under-voltage lockout and thermal shutdown
• -40°C to 125°C junction temperature
• Available in thermally enhanced TSSOP24 package

Applications
• Automotive electronics
• Minimum component step-down converter
• Sequenceable POL power supply systems
• Externally controllable LED power supply
• Externally controllable power amplifier




Similar Part No. - E910.27A

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.22 ELMOS-E910.22 Datasheet
122Kb / 1P
Wide range SMPS with watchdog
E910.24 ELMOS-E910.24 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.25 ELMOS-E910.25 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
E910.26 ELMOS-E910.26 Datasheet
116Kb / 1P
Adjustable, wide input range PFM controller family
More results


Similar Description - E910.27A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
High Efficiency PFM Step-up DC/DC Converter
logo
Stanson Technology
ST1638 STANSON-ST1638 Datasheet
98Kb / 7P
Step-Up DC/DC Converter High Efficiency PFM
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
High Efficiency PFM Step-up DC/DC Converter
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
CMOS High efficiency PFM step-up DC/DC converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
High Efficiency Step-Down Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
High Efficiency Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com