Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.25 Datasheet (PDF) - ELMOS Semiconductor AG

E910.25 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.25
Download  E910.25 Download
File Size   116.92 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Adjustable, wide input range PFM controller family

E910.25 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.25 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.25
Download  E910.25 Click to download

File Size   116.92 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Adjustable, wide input range PFM controller family

E910.25 Datasheet (HTML) - ELMOS Semiconductor AG


E910.25 Product details

DESCRIPTION

The family of highly flexible, easy to use PFM controllers is ideal for the use in wide input range switching regulator applications. An advanced PFM control scheme gives these devices the benefits of PWM converters with high efficiency for heavy loads, while us ing very low operating current for light loads to maintain excel lent behaviour with output load variation.

The  switching  circuits  are  suitable  for  topologies  requiring  low side FET, such as boost, flyback, Sepic, etc. Depending on the utilized topology the controllers are capable of producing regulated positive or negative output voltage.

Operating from 3V to 60V supply and in temperature ranges from – 40°C to + 125°C the device is well suited for automotive applications. Requiring a minimum number of external components,

these regulators are simple to use and cost-saving.



FEATURES

Supply voltage range VS 3V to 60V

Up to 90% efficiency

40µA standby current

180µA circuit operating current

1.5V to 24V or more adjustable output voltage

Up to 300kHz switching frequency

Improved current-limited PFM control scheme

High current driver for external MOSFET

Under-voltage lockout and thermal shutdown

– 40°C to + 125°C operating temperature

SO8n package

910.26 basis version

910.24additive with peak current halving for medium loads and extended max. switch-on-time

910.25additive with peak current halving for medium loads and extended max. switch-on-time and fault protection



APPLICATION

Minimum component DC-DC converters

14V, 28V or 42V automotive systems

Power conditioning for portable equipment

High efficiency on-card switching regulators




Similar Part No. - E910.25

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.22 ELMOS-E910.22 Datasheet
122Kb / 1P
Wide range SMPS with watchdog
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
External Adjustable High Efficiency PFM Step-Down Converter
More results


Similar Description - E910.25

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
910.24 ELMOS-910.24 Datasheet
99Kb / 2P
DC/DC Converter adjustable, wide input range pfm controller
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com