Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3799 Datasheet (PDF) - NEC

UPD3799 Datasheet PDF - NEC
Part # UPD3799
Download  UPD3799 Download
File Size   114.87 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

UPD3799 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD3799 Datasheet PDF - NEC

Part # UPD3799
Download  UPD3799 Click to download

File Size   114.87 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

UPD3799 Datasheet (HTML) - NEC


UPD3799 Product details

5300 PIXELS × 3 COLOR CCD LINEAR IMAGE SENSOR

The µPD3799 is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal and has the function of color separation.
The µPD3799 has 3 rows of 5300 pixels, and each row has a single-sided readout type of charge transfer register. And it has reset feed-through level clamp circuits, clamp pulse generation circuit and voltage amplifiers. Therefore, it is suitable for 600 dpi/A4 color image scanners, color facsimiles and so on.

FEATURES
• Valid photocell : 5300 pixels × 3
• Photocells pitch : 7 µm
• Line spacing : 28 µm (4 lines) Red line-Green line, Green line-Blue line
• Color filter : Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution : 24 dot/mm A4 (210 × 297 mm) size (shorter side)
                      600 dpi US letter (8.5” × 11”) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate : 4 MHz MAX.
• Power supply : +12 V
• On-chip circuits : Reset feed-through level clamp circuits
                              Clamp pulse generation circuit
                              Voltage amplifiers




Similar Part No. - UPD3799

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3799 RENESAS-UPD3799 Datasheet
288Kb / 22P
MOS INTEGRATED CIRCUIT
1999
UPD3799CY RENESAS-UPD3799CY Datasheet
288Kb / 22P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD3799

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com