Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT25100 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

NPT25100 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # NPT25100_15
Download  NPT25100 Download
File Size   1064.65 Kbytes
Page   13 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 125W RF Power Transistor

NPT25100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPT25100 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # NPT25100_15
Download  NPT25100 Click to download

File Size   1064.65 Kbytes
Page   13 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 125W RF Power Transistor

NPT25100 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - NPT25100_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
Gallium Nitride 28V, 125W RF Power Transistor
logo
List of Unclassifed Man...
NPT25100 ETC2-NPT25100 Datasheet
1Mb / 13P
Thermally enhanced industry standard package
More results


Similar Description - NPT25100_15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
POWER TRANSISTORS(12A,125W)
MJ16002 MOSPEC-MJ16002 Datasheet
242Kb / 4P
POWER TRANSISTOR(5A,450V,125W)
logo
M/A-COM Technology Solu...
MRF174 MA-COM-MRF174 Datasheet
333Kb / 11P
The RF MOSFET Line 125W, 200MHz
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
MRF174 MA-COM-MRF174 Datasheet
333Kb / 11P
The RF MOSFET Line 125W, 200MHz
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
Gallium Nitride 28V, 125W RF Power Transistor
logo
Nell Semiconductor Co.,...
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
Complementary Silicon Power Transistor 25A/40~100V/125W
logo
M/A-COM Technology Solu...
MRF174 MA-COM-MRF174_17 Datasheet
842Kb / 12P
The RF MOSFET Line 125W, 200MHz
logo
Qorvo, Inc
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com