Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIC7SZ04 Datasheet (PDF) - KEC(Korea Electronics)

KIC7SZ04 Datasheet PDF - KEC(Korea Electronics)
Part # KIC7SZ04
Download  KIC7SZ04 Download
File Size   203.28 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)

KIC7SZ04 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7SZ04 Datasheet PDF - KEC(Korea Electronics)

Part # KIC7SZ04
Download  KIC7SZ04 Click to download

File Size   203.28 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)

KIC7SZ04 Datasheet (HTML) - KEC(Korea Electronics)


KIC7SZ04 Product details

INVERTER

FEATURES
• High Output Drive : ± 24mA (Typ.) @VCC=3V
• Super High Speed Operation : tPD=2.4ns(Typ.) @VCC=5V, 50pF
• Operation Voltage Range : VCC(opr)=1.8∼5.5V.
• Supply Voltage Data Retention : VCC=1.5∼5.5V.
• 5V Tolerant Function




Similar Part No. - KIC7SZ04

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ04FU KEC-KIC7SZ04FU_15 Datasheet
35Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Similar Description - KIC7SZ04

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S04FU KEC-KIC7S04FU Datasheet
259Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7SH04FU KEC-KIC7SH04FU Datasheet
251Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SU04FU KEC-KIC7SU04FU Datasheet
261Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com