Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIC7SZ08FU Datasheet (PDF) - KEC(Korea Electronics)

KIC7SZ08FU Datasheet PDF - KEC(Korea Electronics)
Part # KIC7SZ08FU
Download  KIC7SZ08FU Download
File Size   211.69 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)

KIC7SZ08FU Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7SZ08FU Datasheet PDF - KEC(Korea Electronics)

Part # KIC7SZ08FU
Download  KIC7SZ08FU Click to download

File Size   211.69 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)

KIC7SZ08FU Datasheet (HTML) - KEC(Korea Electronics)


KIC7SZ08FU Product details

The KIC7S08FU is a high speed C2MOS 2-INPUT AND GATE fabricated with silicon gate C2MOS technology.

It achieves high speed operation similar to equivalent LSTTL while maintaining the C2MOS low power dissipation. The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output. All inputs are equipped with protection circuits against static discharge or transient excess voltage.



FEATURES

High Speed : tpd=7ns(Typ.) at VCC=5V.

Low Power Dissipation : ICC=1 A(Max.) at Ta=25 .

High Noise Immunity : VNIH=VNIL=28% VCC(Min.).

Output Drive Capability : 5 LSTTL Loads.

Symmetrical Output Impedance : | IOH | =IOL=2mA(Min.)

Balanced Propagation Delays : tpLH tpHL

Wide Operating Voltage Range : VCC(opr)=2 6V.




Similar Part No. - KIC7SZ08FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ04 KEC-KIC7SZ04 Datasheet
203Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU_15 Datasheet
35Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Similar Description - KIC7SZ08FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S08FU KEC-KIC7S08FU Datasheet
284Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC7WG08FC TOSHIBA-TC7WG08FC Datasheet
177Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WG08FU TOSHIBA-TC7WG08FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WH08FC TOSHIBA-TC7WH08FC Datasheet
149Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WH08FU TOSHIBA-TC7WH08FU_01 Datasheet
228Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT AND GATE
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
TC74HC08AP TOSHIBA-TC74HC08AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com