Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIC7SZ86FU Datasheet (PDF) - KEC(Korea Electronics)

KIC7SZ86FU Datasheet PDF - KEC(Korea Electronics)
Part # KIC7SZ86FU
Download  KIC7SZ86FU Download
File Size   468.07 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)

KIC7SZ86FU Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7SZ86FU Datasheet PDF - KEC(Korea Electronics)

Part # KIC7SZ86FU
Download  KIC7SZ86FU Click to download

File Size   468.07 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)

KIC7SZ86FU Datasheet (HTML) - KEC(Korea Electronics)


KIC7SZ86FU Product details

EXCLUSIVE OR GATE

FEATURES
• Super High Speed : tPD=2.9ns(Typ.) into 50pF at VCC=5V.
• High Output Driver : ± 24mA at VCC=3V.
• Power Down High Impedance inputs/outputs.
• Wide Operating Voltage Range : VCC(opr)=1.65~5.5V.




Similar Part No. - KIC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ04 KEC-KIC7SZ04 Datasheet
203Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU_15 Datasheet
35Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Similar Description - KIC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S86FU KEC-KIC7S86FU Datasheet
242Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC74AC86F TOSHIBA-TC74AC86F_07 Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74ACT86P TOSHIBA-TC74ACT86P Datasheet
254Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74HC86AP TOSHIBA-TC74HC86AP_07 Datasheet
257Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com