Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4724 Datasheet (PDF) - NEC

UPD4724 Datasheet PDF - NEC
Part # UPD4724
Download  UPD4724 Download
File Size   140.95 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V

UPD4724 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD4724 Datasheet PDF - NEC

Part # UPD4724
Download  UPD4724 Click to download

File Size   140.95 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V

UPD4724 Datasheet (HTML) - NEC


UPD4724 Product details

SEMICONDUCTOR SELECTION GUIDE

   Microcomputer
   IC Memory
   Semi-Custom IC
   Particular Purpose IC
   General Purpose Linear IC
   Transistor / Diode / Thyristor
   Microwave Device / Consumer Use High Frequency Device
   Optical Device
   Packages
   Index (Quick Reference by Type Number)




Similar Part No. - UPD4724

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4724 RENESAS-UPD4724 Datasheet
367Kb / 18P
MOS INTEGRATED CIRCUIT
1993
UPD4724GS-GJG RENESAS-UPD4724GS-GJG Datasheet
367Kb / 18P
MOS INTEGRATED CIRCUIT
1993
More results


Similar Description - UPD4724

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4722 NEC-UPD4722 Datasheet
132Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3101E AD-ADM3101E Datasheet
164Kb / 10P
3.3 V, Single Channel RS-232 Line Driver/Receiver
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Analog Devices
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com