Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4724 Datasheet(PDF) 2 Page - NEC

Part # UPD4724
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4724 Datasheet(HTML) 2 Page - NEC

  UPD4724 Datasheet HTML 1Page - NEC UPD4724 Datasheet HTML 2Page - NEC UPD4724 Datasheet HTML 3Page - NEC UPD4724 Datasheet HTML 4Page - NEC UPD4724 Datasheet HTML 5Page - NEC UPD4724 Datasheet HTML 6Page - NEC UPD4724 Datasheet HTML 7Page - NEC UPD4724 Datasheet HTML 8Page - NEC UPD4724 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µPD4724
BLOCK DIAGRAM/PIN CONFIGURATION (TOP VIEW)
C1
+
VDD
VCC
C1
–
C5
+
GND
C4
+
GND
C4
–
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
C3
+10 V
C1
C5
+3.3 V
or
+5 V
DIN1
DIN2
DIN3
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
DOUT1
DOUT2
DOUT3
RIN1
RIN2
RIN3
RIN4
RIN5
Note
EN
VCHA
STBY
–10 V
C2
C4
300
Ω
300
Ω
300
Ω
5.5 k
Ω
5.5 k
Ω
5.5 k
Ω
5.5 k
Ω
5.5 k
Ω
+
+
+
+
+
C5
–
Note The pull-up resistors of the driver inputs are active resistors.
Remark 1.
VDD and VSS are pins that output the voltage boosted internally. Don't connect these pins to the
load.
2.
Capacitors with a breakdown voltage of 20 V or higher are recommended for C1 to C5. And it is
recommended to insert the capacitor that is 0.1
µF to 1 µF between VCC and GND.
3.
The capacitor C5 does not have to be connected when the IC is used in 5 V mode (VCHA = L).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com