Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4724 Datasheet(PDF) 13 Page - NEC

Part # UPD4724
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4724 Datasheet(HTML) 13 Page - NEC

Back Button UPD4724 Datasheet HTML 8Page - NEC UPD4724 Datasheet HTML 9Page - NEC UPD4724 Datasheet HTML 10Page - NEC UPD4724 Datasheet HTML 11Page - NEC UPD4724 Datasheet HTML 12Page - NEC UPD4724 Datasheet HTML 13Page - NEC UPD4724 Datasheet HTML 14Page - NEC UPD4724 Datasheet HTML 15Page - NEC UPD4724 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
µPD4724
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product. Please consult with
our sales offices in case other soldering process is used, or in case soldering is done under different
conditions.
TYPES OF SURFACE MOUNT DEVICE
For more details, refer to our document "SMT MANUAL" (C10535E).
µPD4724GS-GJG
Soldering
Soldering conditions
Symbol
process
Infrared ray
Peak package's surface temperature: 230
°C or below,
IR30-00-2
reflow
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 2, Exposure limit*: None
VPS
Peak package's surface temperature: 215
°C or below,
VP15-00-2
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 2,
Exposure limit*: None
Wave
Solder temperature: 260
°C or below,
WS60-00-1
soldering
Flow time: 10 seconds or below,
Number of flow process: 1,
Exposure limit*: None
Partial
Terminal temperature: 300
°C or below,
heating
Flow time: 10 seconds or below,
method
Exposure limit*: None
* Exposure limit before soldering after dry-pack package is opened.
Sotrage conditions: 25
°C and relative humidity at 65 % or less.
Note
Do not apply more than a single process at once, except for “Partial heating method”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com