Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24 Datasheet (PDF) - NEC

UPD61P24 Datasheet PDF - NEC
Part # UPD61P24
Download  UPD61P24 Download
File Size   252.73 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION

UPD61P24 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD61P24 Datasheet PDF - NEC

Part # UPD61P24
Download  UPD61P24 Click to download

File Size   252.73 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION

UPD61P24 Datasheet (HTML) - NEC


UPD61P24 Product details

DESCRIPTION
The µPD61P24 is a 4-bit single-chip microcontroller for infrared remote controllers for TVs, VCRs, stereos, cassette decks, air conditioners, etc.
As the µPD61P24 is user-programmable, it is ideal for evaluation of programs running in a µPD6124A or 6600A, and for small-scale production of such systems.

FEATURES
• Transmitter for programmable infrared remote controller
• 19 types of instructions
• Instruction execution time: 17.6 µs (with 455-kHz ceramic resonator)
• On-chip one-time PROM: 1002 × 10 bits
• Data memory (RAM) capacity : 32 × 5 bits
• 9-bit programmable timer: 1 channel
• I/O pins (KI/O): 8 pins
• Input pins (KI): 4 pins
• Serial input pins (S-IN): 1 pin
• Transmission-in-progress indication pin (S-OUT): 1 pin
• Transmit carrier frequency (REM) fOSC/12, fOSC/8
• Standby operation (HALT/STOP mode)
• Low power consumption
• Current consumption in STOP mode (TA = 25°C) 1 µA MAX.
• Low-voltage operation: VDD = 2.2 to 5.5 V




Similar Part No. - UPD61P24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD61P24 RENESAS-UPD61P24 Datasheet
318Kb / 38P
MOS INTEGRATED CIRCUIT
1997
UPD61P24CS RENESAS-UPD61P24CS Datasheet
318Kb / 38P
MOS INTEGRATED CIRCUIT
1997
UPD61P24GS RENESAS-UPD61P24GS Datasheet
318Kb / 38P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD61P24

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6124A NEC-UPD6124A Datasheet
172Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6125A NEC-UPD6125A Datasheet
286Kb / 40P
4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD6124A RENESAS-PD6124A_15 Datasheet
312Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com