Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1024 Datasheet (PDF) - KEC(Korea Electronics)

KTA1024 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1024
Download  KTA1024 Download
File Size   384.57 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)

KTA1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1024 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1024
Download  KTA1024 Click to download

File Size   384.57 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)

KTA1024 Datasheet (HTML) - KEC(Korea Electronics)


KTA1024 Product details

HIGH VOLTAGE APPLICATION.

FEATURES
• High Voltage : VCEO=-150V.
• Low Output Capacitance : Cob=5.0pF(Max.).
• High Transition Frequency : fT=120MHz (Typ.).
• Complementary to KTC3206. 




Similar Part No. - KTA1024

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024 Datasheet
20Kb / 1P
TO-92L PACKAGE
KTA1024 KEC-KTA1024 Datasheet
372Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1024 KEC-KTA1024 Datasheet
372Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Jiangsu Changjiang Elec...
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024_05 Datasheet
20Kb / 1P
TO-92L PACKAGE
More results


Similar Description - KTA1024

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3631D KEC-KTC3631D Datasheet
403Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com