Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1024 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1024
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1024 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1024 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1024 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1024 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007. 3. 28
2/3
KTA1024
Revision No : 2
COLLECTOR CURRENT I
(mA)
h
- I
FE
C
I
- V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-10
0
V
- I
CE(sat)
C
C
COLLECTOR CURRENT I
(mA)
-0.6
-0.03
500
-0.5
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-2
-4
-6
-8
-10
-12
-20
-30
-40
-50
COMMON
EMITTER
Ta=25 C
I =-100
µA
B
-200
µA
-300
µA
-500
µA
-1
-3
-10
-30
-100
10
30
50
100
300
COMMON EMITTER
Ta=25 C
V
=-10V
CE
C
V
=-5V
COMMON EMITTER
300
100
50
30
10
-100
-30
-10
-3
-1
-0.5
500
Ta=100 C
Ta=25 C
Ta=-25 C
-0.6
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
-1
-3
-10
-30
-100
-300
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
CE
COMMON EMITTER
Ta=25 C
-1
-3
-10
-30
-100
-300
-0.03
-0.1
-0.05
-0.3
-0.5
-1
-3
-5
COMMON EMITTER
I /I =10
C B
Ta=100
C
Ta=25 C
Ta=-25 C
0
-0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
-0.4
-0.6
-0.8
-1.0
-1.2
-10
-20
-30
-40
-50
COMMON EMITTER
V
=-5V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com