Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1703 Datasheet (PDF) - KEC(Korea Electronics)

KTA1703 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1703
Download  KTA1703 Download
File Size   340.41 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)

KTA1703 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1703 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1703
Download  KTA1703 Click to download

File Size   340.41 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)

KTA1703 Datasheet (HTML) - KEC(Korea Electronics)


KTA1703 Product details

HIGH VOLTAGE APPLICATION.
DC-DC CONVERTER.
LOW POWER SWITCHING REGULATOR.

FEATURES
• High Breakdown Voltage. : VCEO=-400V
• Low Collector Saturation Voltage : VCE(sat)=-1V(max.), (IC=-100mA, IB=-10mA)
• High Speed Switching.




Similar Part No. - KTA1703

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1703 KEC-KTA1703_15 Datasheet
703Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1703

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
KEC(Korea Electronics)
KTA1277 KEC-KTA1277 Datasheet
268Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
logo
Sanyo Semicon Device
2SA2126 SANYO-2SA2126 Datasheet
48Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
VEC1106 SANYO-VEC1106 Datasheet
244Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH6122 SANYO-MCH6122 Datasheet
245Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifier
PCP1103 SANYO-PCP1103 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PCP1104 SANYO-PCP1104 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com