Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1705 Datasheet (PDF) - KEC(Korea Electronics)

KTA1705 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1705
Download  KTA1705 Download
File Size   252.71 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)

KTA1705 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1705 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1705
Download  KTA1705 Click to download

File Size   252.71 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)

KTA1705 Datasheet (HTML) - KEC(Korea Electronics)


KTA1705 Product details

AUDIO AMPLIFIER, VOLTAGE REGULATOR
DC-DC CONVERTER, RELAY DRIVER

FEATURES
• Low Saturation Voltage. : VCE(sat) ≦ -0.8V (IC=-2A, IB=-0.2A)
• Excellent hFE Linearity and high hFE. : hFE:70 ~ 240 (VCE=-2V, IC=-0.5A)
• Complementary to KTC2804.




Similar Part No. - KTA1705

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1705 KEC-KTA1705_15 Datasheet
704Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1705

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA1106 WINGS-2SA1106 Datasheet
25Kb / 1P
PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
2SA1215 WINGS-2SA1215 Datasheet
26Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SB778 WINGS-2SB778 Datasheet
48Kb / 1P
PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
TIP36C WINGS-TIP36C Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
KEC(Korea Electronics)
KTA1277 KEC-KTA1277 Datasheet
268Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
KTA1703 KEC-KTA1703 Datasheet
340Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
KTC2804 KEC-KTC2804 Datasheet
254Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
logo
Sanyo Semicon Device
MCH6122 SANYO-MCH6122 Datasheet
245Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com