Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA2014 Datasheet (PDF) - KEC(Korea Electronics)

KTA2014 Datasheet PDF - KEC(Korea Electronics)
Part # KTA2014
Download  KTA2014 Download
File Size   279.33 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

KTA2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA2014 Datasheet PDF - KEC(Korea Electronics)

Part # KTA2014
Download  KTA2014 Click to download

File Size   279.33 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)

KTA2014 Datasheet (HTML) - KEC(Korea Electronics)


KTA2014 Product details

GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.

FEATURES
• Excellent hFE Linearity : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
• Low Noise : NF=1dB(Typ.), 10dB(Max.).
• Complementary to KTC4075.
• Small Package.




Similar Part No. - KTA2014

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
KTA2014 HTSEMI-KTA2014 Datasheet
692Kb / 3P
TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
KTA2014 SECOS-KTA2014 Datasheet
450Kb / 3P
-0.15A , -50V PNP Plastic Encapsulated Transistor
logo
Galaxy Semi-Conductor H...
KTA2014 BILIN-KTA2014 Datasheet
202Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Jiangsu Changjiang Elec...
KTA2014 JIANGSU-KTA2014 Datasheet
533Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA2014 KEXIN-KTA2014 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - KTA2014

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com